PART |
Description |
Maker |
SY58023U SY58023UMITR SY58023UMY |
2-CHANNEL, CROSS POINT SWITCH, QCC16 ULTRA-LOW JITTER 2 × 2 CROSSPOINT SWITCH w/CML OUTPUTS AND INTERNAL I/O TERMINATION
|
MICREL INC Micrel Semiconductor
|
AN6474NFBQ |
Cordeless Telephone Speech Network IC Incorporating Cross-Point Switch
|
Panasonic
|
ISL59531IKZ |
16x16 Video Crosspoint with Differential Inputs 16-CHANNEL, CROSS POINT SWITCH, PBGA356
|
Intersil, Corp.
|
ADN4600 ADN4600-EVALZ ADN4600ACPZ AD4600ACPZ-R7 |
8-CHANNEL, CROSS POINT SWITCH, QCC64 4.25 Gbps, 8 隆驴 8, Asynchronous Crosspoint Switch 4.25 Gbps, 8 × 8, Asynchronous Crosspoint Switch
|
ANALOG DEVICES INC
|
AD8176-EVAL AD8176ABPZ |
475 MHz, Triple 16 9 Video Crosspoint Switch 475兆赫,三16视频交叉点开 475 MHz, Triple 16 9 Video Crosspoint Switch 16-CHANNEL, CROSS POINT SWITCH, PBGA676
|
Analog Devices, Inc.
|
AN6472NFBP |
Cordless Telephone Speech Network IC Incorporating Cross-Point Switch TELEPHONE SPEECH CKT, PQFP64
|
Panasonic, Corp. Panasonic Corporation Panasonic Semiconductor
|
MAX6505 MAXIM MAX6506 MAX6507 MAX6508 MAX6505UTP01 |
Trip temperature -10, 30 mA, dual trip SOT temperature switch Trip point 35, 30 mA, dual trip SOT temperature switch Trip point 20, 30 mA, dual trip SOT temperature switch Trip temperature 85, 30 mA, dual trip SOT temperature switch Trip temperature 90, 30 mA, dual trip SOT temperature switch Trip temperature 65, 30 mA, dual trip SOT temperature switch Trip temperature 45, 30 mA, dual trip SOT temperature switch Trip temperature 15, 30 mA, dual trip SOT temperature switch Trip point -15, 30 mA, dual trip SOT temperature switch Trip point -35, 30 mA, dual trip SOT temperature switch Trip point -10, 30 mA, dual trip SOT temperature switch Trip point -5, 30 mA, dual trip SOT temperature switch Trip point 0, 30 mA, dual trip SOT temperature switch Trip temperature 95, 30 mA, dual trip SOT temperature switch Trip temperature 110, 30 mA, dual trip SOT temperature switch Trip temperature -20, 30 mA, dual trip SOT temperature switch Trip temperature 75, 30 mA, dual trip SOT temperature switch Trip point 70, 30 mA, dual trip SOT temperature switch Trip point 10, 30 mA, dual trip SOT temperature switch Dual Trip SOT Temperature Switches Trip point 5, 30 mA, dual trip SOT temperature switch Trip point 75, 30 mA, dual trip SOT temperature switch Trip temperature -25, 30 mA, dual trip SOT temperature switch Trip temperature -15, 30 mA, dual trip SOT temperature switch Trip point -30, 30 mA, dual trip SOT temperature switch Trip temperature 35, 30 mA, dual trip SOT temperature switch Trip temperature 55, 30 mA, dual trip SOT temperature switch Trip temperature 70, 30 mA, dual trip SOT temperature switch Trip temperature 40, 30 mA, dual trip SOT temperature switch Trip temperature 105, 30 mA, dual trip SOT temperature switch Trip point 25, 30 mA, dual trip SOT temperature switch Trip point 45, 30 mA, dual trip SOT temperature switch
|
MAX6508 MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TC15-11SRWA |
8X8 DOT MATRIX DISPLAY, SUPER BRIGHT RED, 37.02 mm ROHS COMPLIANT PACKAGE-16 38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
|
Kingbright, Corp. Kingbright Corporation
|
GMA3688C |
1.5 INCH (37.9mm) 8X8 DOT MATRIX STICK DISPLAY 8X8 DOT MATRIX DISPLAY, HIGH EFFICIENCY RED/GREEN, 37.9 mm
|
QT[QT Optoelectronics]
|
810-0105-D01 810-0205-Y02 |
Kotron? Model 810 RF Point Level Switch
|
Magnetrol International, Inc.
|
|